|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MINIATURE RELAY 2 POLES--1 to 2 A (FOR SIGNAL SWITCHING) RA SERIES n FEATURES l l l RoHS compliant l l l l l l l Ultra high sensitivity (75 to 150 mW) High reliability-bifurcated contacts Conforms to FCC rules and regulations Part 68 --Dielectric strength 1,500 VAC between coil and contacts --Surge strength 1,500 V UL, CSA recognized Wide operating range DIL pitch terminals Plastic sealed type Latching type available Dial-pulse relay available RoHS compliant since date code: 0418H Please see page 7 for more information To be n ORDERING INFORMATION [Example] (a) (b) (c) (d) (e) (f ) RA (a) L - D 12 W - (b) (*) (c) (d) (e) Di sc K (f ) Series Name Operation Function Number of Coil Nominal Voltage Contact Enclosure RA : RA Series Nil : Standard type L : Latching type on Nil : Single winding type D : Double winding type W : Bifurcated type K : Plastic sealed type Refer to the COIL DATA CHART Ti nu Note: Actual marking omits the hyphen (-) of (*) Formovableandstationarycontactwithgoldoverlaytype,addsuffix""-OH"". eD 1 RA SERIES n COIL DATA CHART MODEL RA-1.5W-K Standard Type RA-3W-K RA-4.5W-K RA-5W-K RA-6W-K RA-9W-K Nominal voltage 1.5VDC 3VDC 4.5VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC Coil resistance (10%) 15 60 135 167 240 540 960 2,160 2,880 11,520 Must operate voltage*1 +1.0VDC +2.0VDC +3.1VDC +3.4VDC +4.0VDC +6.1VDC +8.1VDC +12.3VDC +16.1VDC +32.2VDC Must release voltage*1 +0.15VDC +0.3VDC +0.45VDC +0.5VDC +0.6VDC +0.9VDC +1.2VDC +1.8VDC +2.4VDC +4.8VDC Nominal power 150mW 150mW 150mW 150mW 150mW 150mW 150mW 150mW 200mW 200mW Note: *1Specifiedvaluesaresubjecttopulsewavevoltage. All values in the table are measured at 20C. MODEL Single Winding Latching Type RAL-1.5W-K RAL-3W-K RAL-4.5W-K RAL-5W-K RAL-6W-K RAL-9W-K RAL-12W-K RAL-18W-K RAL-24W-K RAL-48W-K RAL-D1.5W-K RAL-D3W-K RAL-D4.5W-K Double Winding Latching Type RAL-D5W-K RAL-D6W-K RAL-D9W-K RAL-D12W-K RAL-D18W-K RAL-D24W-K RAL-D48W-K Nominal voltage To RA-12W-K RA-18W-K RA-24W-K RA-48W-K be 48VDC 1.5VDC 3VDC 4.5VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 48VDC 1.5VDC Di Coil resistance (10%) 30 Set voltage*1 +1.0VDC +2.1VDC +3.1VDC +3.4VDC +4.1VDC +6.3VDC +12.5VDC +16.6VDC +21.0VDC +3.1VDC +3.4VDC +4.0VDC +6.1VDC +8.1VDC +12.3VDC +16.1VDC +32.2VDC Reset voltage*1 -1.0VDC -2.1VDC -3.1VDC -3.4VDC -4.1VDC -6.3VDC -8.3VDC -12.5VDC Nominal power 75mW 75mW 75mW 75mW 75mW 75mW 75mW 75mW 100mW 200mW 150mW sc 120 270 335 480 1,080 1,920 4,320 5,760 11,520 P15 S15 P60 S60 P135 S135 P167 S167 P240 S240 P540 S540 P960 S960 P2,160 S2,160 P2,880 S2,880 P11,520 S11,520 on +8.3VDC +1.0VDC 3VDC 4.5VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 48VDC +2.0VDC Ti nu -16.6VDC -21.0VDC +1.0VDC +2.0VDC +3.1VDC +3.4VDC eD 150mW 150mW 150mW 150mW 150mW 150mW +4.0VDC +6.1VDC +8.1VDC +12.3VDC +16.1VDC +32.2VDC P: Primary coil S: Secondary coil 2 150mW 200mW 200mW Note: *1Specifiedvaluesaresubjecttopulsewavevoltage. All values in the table are measured at 20C. RA SERIES n SPECIFICATIONS Item Contact Arrangement Material Style Coil TimeValue Life Other Resistance(initial) Rating(resistive) MaximumCarryingCurrent MaximumSwitchingPower MaximumSwitchingVoltage MaximumSwitchingCurrent Minimum Switching Load* 1 Standard Type RA-( ) W-K 2 form C (DPDT) Gold overlay palladium Bifurcated (cross bar) Single Winding Latching Type RAL-( ) W-K Double Winding Latching Type RAL-D ( ) W-K Maximum100m(at1A6VDC) 0.5A120VACor1A24VDC 2A 60VA,24W 250VAC,220VDC 2A 0.01mA10mVDC Approximately1.5pF(betweenopencontacts),1.0pF(adjacentcontacts) Approximately1.7pF(betweencoilandcontacts) 150 to 200 mW 70 to 90 mW To Capacitance (10MHz) Nominal Power (at 20C) Operate Power (at 20C) OperatingTemperature be Operate(atnominalvoltage) Mechanical Electrical VibrationMisoperation ResistanceEndurance Shock Misoperation Resistance Endurance Di -40Cto+80C(nofrost)(refertotheCHARACTERISTICDATA) Maximum6msMaximum6ms(set) Maximum6ms(reset) 2 x 107 operations minimum Release(atnominalvoltage) Maximum4ms sc 75 to 200 mW 40 to 50 mW 150 to 200 mW 70 to 90 mW 2 x 105ops.min.(0.5A120VAC),5x105ops.min.(1A24VDC) 10to55Hz(doubleamplitudeof5.0mm) 10to55Hz(doubleamplitudeof5.0mm) 500 m/s2 (11 1 ms) 1,000 m/s2 ( 6 1 ms) Approximately3.7g on Ti Weight nu *1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactualload before production since reference values may vary according to switching frequencies, environmental conditions and expectedreliabilitylevels. eD n INSULATION Item Isolation (initial) Dielectric Strength Surge Voltage open contacts coil and contacts/ adjacentcontact Standard 1,000VAC1min., 1,500VAC1min., 1500V (coil-contact) (10/160 s standard wave) Single latch Double latch Minimum1,000M(at500VDC) n SAFETY STANDARDS Type UL CSA Compliance UL 478, UL 508 E 45026 C22.2No.14 LR35579 Contact rating Flammability: UL 94-V0 (plastics) 0.5A,120VAC(resistive) 2A,30VDC(resistive) 0.5A,60VDC(resistive) 3 RA SERIES n CHARACTERISTIC DATA To be Di sc on Ti nu eD 4 RA SERIES n REFERENCE DATA To be Di sc on Ti nu eD 5 RA SERIES n DIMENSIONS l RA, RAL type (Non-latching type, single winding latching type) To Dimensions be l Schematics (Bottom View) l PC board mounting hole layout (Bottom View) Di sc RAL-D type (Double winding latching type) on Ti nu eD Unit: mm 6 RA SERIES RoHS Compliance and Lead Free Relay Information 1. General Information Relaysproducedafterthespecificdatecodethatisindicatedoneachdatasheetarelead-free now.Mostofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfo. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l LeadfreesolderpastecurrentlyusedinrelaysisSn-3.0Ag-0.5Cu. l AllsignalandmostpowerrelaysalsocomplywithRoHS.Pleaserefertoindividualdata sheets.RelaysthatareRoHScompliantdonotcontainthe5hazardousmaterialsthat arerestrictedbyRoHSdirective(lead,mercury,chromiumIV,PBB,PBDE). l Ithasbeenverifiedthatusinglead-freerelaysinleadedassemblyprocesswillnotcauseany problems(compatible). l "LF"ismarkedoneachouterandinnercarton.(Nomarkingonindividualrelays). l Toavoidleadedrelays(forlead-freesample,etc.)pleaseconsultwithareasalesoffice. l Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists. Note:CadmiumwasexemptedfromRoHSonOctober21,2005.(AmendmenttoDirective2002/95/EC) l To 2. Recommended Lead Free Solder Profile l RecommendedsolderpasteSn-3.0Ag-0.5Cu. be Reflow Solder condition Flow Solder condition: Pre-heating: Soldering: Di sc maximum120C dipwithin5sec.at 260Csolerbath on Solder by Soldering Iron: Soldering Iron Temperature: maximum360C Duration: maximum3sec. Ti nu We highly recommend that you confirm your actual solder conditions eD 3. Moisture Sensitivity l MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrealys. DippedSnAgCusolderisknownaslowrisktinwhisker.Noconsiderablelengthwhiskerwasfoundbyourin housetest. 4. Tin Whisker l 7 RA SERIES Fujitsu Components International Headquarter Offices Japan FujitsuComponentLimited Gotanda-Chuo Building 3-5,Higashigotanda2-chome,Shinagawa-ku Tokyo 141, Japan Tel:(81-3)5449-7010 Fax:(81-3)5449-2626 Email:promothq@ft.ed.fujitsu.com Web:www.fcl.fujitsu.com North and South America FujitsuComponentsAmerica,Inc. 250E.CaribbeanDrive Sunnyvale,CA94089U.S.A. Tel: (1-408) 745-4900 Fax:(1-408)745-4970 Email:components@us.fujitsu.com Web:http://www.fujitsu.com/us/services/edevices/components/ Europe FujitsuComponentsEuropeB.V. Diamantlaan 25 2132WVHoofddorp Netherlands Tel:(31-23)5560910 Fax:(31-23)5560950 Email:info@fceu.fujitsu.com Web:emea.fujitsu.com/components/ Asia Pacific FujitsuComponentsAsiaLtd. 102EPasirPanjangRoad #01-01CitilinkWarehouseComplex Singapore 118529 Tel:(65)6375-8560 Fax:(65)6273-3021 Email:fcal@fcal.fujitsu.com Web:http://www.fujitsu.com/sg/services/micro/components/ (c)2009FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective owners. FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice. Rev.June30,2009. To be Di sc on Ti nu eD 8 |
Price & Availability of RAL-12W-K |